データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F301C6U6XXX データシート(PDF) 16 Page - STMicroelectronics

部品番号 STM32F301C6U6XXX
部品情報  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6U6XXX データシート(HTML) 16 Page - STMicroelectronics

Back Button STM32F301C6U6XXX Datasheet HTML 12Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 13Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 14Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 15Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 16Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 17Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 18Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 19Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 141 page
background image
Functional overview
STM32F301x6 STM32F301x8
16/141
DS9895 Rev 8
Note:
For more details about the interconnect actions, refer to the corresponding sections in the
STM32F301x6/8 and STM32F318x8 reference manual RM0366.
Table 4. STM32F301x6/8 peripheral interconnect matrix
Interconnect source
Interconnect
destination
Interconnect action
TIMx
TIMx
Timers synchronization or chaining
ADC1
DAC1
Conversion triggers
DMA
Memory to memory transfer trigger
Compx
Comparator output blanking
COMPx
TIMx
Timer input: OCREF_CLR input, input capture
ADC1
TIM1
Timer triggered by analog watchdog
GPIO
RTCCLK
HSE/32
MC0
TIM16
Clock source used as input channel for HSI and
LSI calibration
CSS
CPU (hard fault)
COMPx
PVD
GPIO
TIM1
TIM15, 16, 17
Timer break
GPIO
TIMx
External trigger, timer break
ADC1
DAC1
Conversion external trigger
DAC1
COMPx
Comparator inverting input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More