データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F301C6U6XXX データシート(PDF) 32 Page - STMicroelectronics

部品番号 STM32F301C6U6XXX
部品情報  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6U6XXX データシート(HTML) 32 Page - STMicroelectronics

Back Button STM32F301C6U6XXX Datasheet HTML 28Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 29Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 30Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 31Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 32Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 33Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 34Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 35Page - STMicroelectronics STM32F301C6U6XXX Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 141 page
background image
Pinouts and pin description
STM32F301x6 STM32F301x8
32/141
DS9895 Rev 8
4
Pinouts and pin description
Figure 4. STM32F301x6/8 UFQFN32 pinout
1. The above figure shows the package top view.
Figure 5. STM32F301x6/8 LQFP32 pinout
1. The above figure shows the package top view.
32
31 30
29 28 27
26 25
1
2
3
4
5
24
6
23
7
22
8
21
20
19
17
9
10 111213 141516
18
UFQFN32
MS30483V4
VDD
PF0/OSC_IN
PF1/OSC_OUT
NRST
VDDA/VREF+
VSSA/VREF-
PA0
PA1
PA14
PA13
PA12
PA11
PA10
PA9
PA8
VDD
MS31949V3
32 31 30 29 28 27 26 25
VDD
1
2
3
4
PF0/OSC_IN
5
24
PA14
6
LQFP32
23
PA13
NRST
7
22
PA12
8
21
PA11
20
PA10
PA1
19
PA9
PA8
17
9
1011 1213141516
VDD
PF1/OSC_OUT
VDDA/VREF+
PA2
18
PA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More