| データシートサーチシステム |
|
AD8091ART-R2 データシート(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8091ART-R2 データシート(HTML) 8 Page - Analog Devices |
|
8 / 20 page ![]() AD8091/AD8092 Rev. C | Page 8 of 20 TYPICAL PERFORMANCE CHARACTERISTICS 3 –7 –6 –5 –4 –3 –2 –1 0 1 2 0.1 1 10 100 500 FREQUENCY (MHz) VS = 5V GAIN AS SHOWN RF AS SHOWN RL = 2kΩ VO = 0.2V p-p G = +1 RF = 0Ω G = +5 RF = 2kΩ G = +2 RF = 2kΩ G = +10 RF = 2kΩ Figure 5. Normalized Gain vs. Frequency; VS = +5 V 3 –7 –6 –5 –4 –3 –2 –1 0 1 2 0.1 1 10 100 500 FREQUENCY (MHz) VS AS SHOWN G = +1 RL = 2kΩ VO = 0.2V p-p VS = +3V VS = +5V VS = ±5V Figure 6. Gain vs. Frequency vs. Supply 3 –7 –6 –5 –4 –3 –2 –1 0 1 2 0.1 1 10 100 500 FREQUENCY (MHz) VS = 5V G = +1 RL = 2kΩ VO = 0.2V p-p TEMPERATURE AS SHOWN –40°C +85°C +25°C Figure 7. Gain vs. Frequency vs. Temperature 6.3 5.3 5.4 5.5 5.6 5.7 5.8 5.9 6.0 6.1 6.2 0.1 1 10 100 FREQUENCY (MHz) VS = 5V G = +2 RL = 150kΩ RF = 806Ω VO = 0.2V p-p Figure 8. 0.1 dB Gain Flatness vs. Frequency; G = +2 9 –1 0 1 2 3 4 5 6 7 8 0.1 1 10 100 500 FREQUENCY (MHz) VS AS SHOWN G = +2 RL = 2kΩ RF = 2kΩ VO AS SHOWN VS = +5V VO = 2V p-p VS = ±5V VO = 4V p-p Figure 9. Large Signal Frequency Response; G = +2 70 –20 –10 0 10 –180 –135 –90 –45 0 20 30 40 50 60 0.1 1 10 100 500 FREQUENCY (MHz) PHASE GAIN 50° PHASE MARGIN VS = 5V RL = 2kΩ Figure 10. Open-Loop Gain and Phase vs. Frequency |