| データシートサーチシステム |
|
AD8091ART-R2 データシート(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8091ART-R2 データシート(HTML) 11 Page - Analog Devices |
|
11 / 20 page ![]() AD8091/AD8092 Rev. C | Page 11 of 20 2.5V 3.5V 1.5V VS = 5V G = +2 RL = 2kΩ VIN = 1V p-p 100 90 80 70 60 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 OUTPUT VOLTAGE (V) RL = 2kΩ RL = 150Ω VS = 5V Figure 26. Large Signal Step Response; VS = +5 V, G = +2 Figure 23. Open-Loop Gain vs. Output Voltage 1.50V 20mV 20ns VIN = 0.1V p-p G = +1 RL = 2kΩ VS = 3V 2.5V 5V VS = 5V G = –1 RF = 2kΩ RL = 2kΩ 1V 2µs Figure 24. 100 mV Step Response; G = +1 Figure 27. Output Swing; G = −1, RL = 2 kΩ 1V –1V –2V –3V –4V 2V 3V 4V VS = ±5V G = +1 RL = 2kΩ 1V 20ns 2.50V 2.60V 2.40V 50mV 20ns VS = 5V G = +1 RL = 2kΩ Figure 25. 200 mV Step Response; VS = +5 V, G = +1 Figure 28. Large Signal Step Response; VS = ±5 V, G = +1 |