データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPL460AT-I/4LB データシート(PDF) 30 Page - Microchip Technology

部品番号 MPL460AT-I/4LB
部品情報  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460AT-I/4LB データシート(HTML) 30 Page - Microchip Technology

Back Button MPL460AT-I/4LB Datasheet HTML 26Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 27Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 28Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 29Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 30Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 31Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 32Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 33Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
PL460
Transmission Path
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 30
Figure 9-2. Transmission Path Block Diagram using Auxiliary Branch
EMIT2 and EMIT3 provide a 3.3V PLC signal (not amplified) to the external transmission stage. TXRX1
is used to control the behavior of the external discrete filter in transmission and reception. Refer to
Microchip reference designs for detailed descriptions about how to implement the external circuitry
required by the auxiliary transmission branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48