| データシートサーチシステム |
|
MPL460AT-I/4LB データシート(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MPL460AT-I/4LB データシート(HTML) 6 Page - Microchip Technology |
|
6 / 48 page ![]() PL460 Block Diagram Data Sheet © 2020-2023 Microchip Technology Inc. and its subsidiaries DS60001666D - 6 2. Block Diagram The PL460 modem is composed of a high-performance core and a class-D amplifier line driver for the main transmission branch. The main functions of the high-performance core are to manage communication with the host controller and to run the lower layers of the PLC protocols. The figure below illustrates the block diagram of the PL460. Figure 2-1. PL460 Block Diagram Signal Processing Unit SRAM CPU BUS Matrix Bootloader RX Path Driver DMA VIN AGC VZC EMIT2 EMIT3 TXRX1 OUT ASO0 ASO1 ASI0 ASI1 THEN NTHW0 THW1 TX Path CS SCK MOSI MISO XIN XOUT ENABLE NRST STBY EXTIN TXEN G1 Control DMA |