データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL91301AII-H-EV1Z データシート(PDF) 9 Page - Renesas Technology Corp

部品番号 ISL91301AII-H-EV1Z
部品情報  Triple/Quad Output Power Management IC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL91301AII-H-EV1Z データシート(HTML) 9 Page - Renesas Technology Corp

Back Button ISL91301AII-H-EV1Z Datasheet HTML 5Page - Renesas Technology Corp ISL91301AII-H-EV1Z Datasheet HTML 6Page - Renesas Technology Corp ISL91301AII-H-EV1Z Datasheet HTML 7Page - Renesas Technology Corp ISL91301AII-H-EV1Z Datasheet HTML 8Page - Renesas Technology Corp ISL91301AII-H-EV1Z Datasheet HTML 9Page - Renesas Technology Corp ISL91301AII-H-EV1Z Datasheet HTML 10Page - Renesas Technology Corp ISL91301AII-H-EV1Z Datasheet HTML 11Page - Renesas Technology Corp ISL91301AII-H-EV1Z Datasheet HTML 12Page - Renesas Technology Corp ISL91301AII-H-EV1Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
FN8966 Rev.4.01
Page 9 of 59
Feb 20, 2020
ISL91301A, ISL91301B
1. Overview
1.5
Pin Descriptions
Pin Location
Pin Name
Type
Description
A1
PVIN_A
Input
Power supply for Power Stage A
A2, B2
PH_A
Output
Switching node for Power Stage A
A3, B3
PGND_A
Input
Ground connection for Power Stage A
A4, B4
PGND_B
Input
Ground connection for Power Stage A
A5, B5
PH_B
Output
Switching node for Power Stage B
A6
PVIN_B
Input
Power supply for Power Stage B
B1
GPIO0
Input/Output
I2C clock
B6
WDOG_RST
Input
Digital input, resets bucks to default output voltage
C1
EN
Input
Master chip enable input, NMOS logic threshold
C2
GPIO1
Input/Output
I2C data
C3
INT
Output
Interrupt line
C4
VIN_SEL
Input
For 2.8V~5.5V VIN range, 4A per phase IOUT capability: Tie to AVIN
For 2.5V ~ 5.5V VIN range, 3A per phase IOUT capability: Tie to GND
D1
VOUT4
Input
Output voltage sense for Buck4
E1
RTN4
Input
Remote ground sense for Buck4
C5
GND
Input
Analog chip ground
C6
RTN1
Input
Remote ground sense for Buck1
D2
RTN3
Input
Remote ground sense for Buck3
D3
VOUT3
Input
Output voltage sense for Buck3
D4
VOUT2
Input
Output voltage sense for Buck2
D5
RTN2
Input
Remote ground sense for Buck2
D6
VOUT1
Input
Remote output voltage sense for Buck1
E2
AVIN_FILT
Output
Filtered analog supply voltage, 2.5V to 5.5V (VIN_SEL tied to GND);
2.8V to 5.5V (VIN_SEL tied to AVIN)
Place a decoupling capacitor close to the IC
E3
VIO
Input
Supply voltage for digital communications. Nominally connected to
1.8V supply, can be tied to AVIN.
E4
MPIO0
Input/Output
SPI clock
E5
MPIO1
Input/Output
SPI/I2C selector. Low = SPI, High = I2C. For more information, see
“Serial Communication Interface”.
E6
MPIO2
Input/Output
SPI master out, slave in
F1
AVIN
Input
Analog supply voltage, 2.5V to 5.5V (VIN_SEL tied to GND); 2.8V to
5.5V (VIN_SEL tied to AVIN)
F2, G2
PH_C
Output
Switching node for Power Stage C
F3, G3
PGND_C
Input
Ground connection for Power Stage C
F4, G4
PGND_D
Input
Ground connection for Power Stage D
F5, G5
PH_D
Output
Switching node for Power Stage D
F6
MPIO3
Input/Output
SPI master in, slave out
G1
PVIN_C
Input
Power supply connection for Power Stage C
G6
PVIN_D
Input
Power supply connection for Power Stage D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com