データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPF0900AVSA2ES データシート(PDF) 2 Page - NXP Semiconductors

部品番号 MPF0900AVSA2ES
部品情報  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AVSA2ES データシート(HTML) 2 Page - NXP Semiconductors

  MPF0900AVSA2ES Datasheet HTML 1Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 2Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 3Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 4Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 5Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 6Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 7Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 8Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
2 Features and benefits
• Up to five buck regulators with internal power stage and programable current limits
• Three low-dropout linear regulators with load switch operation
• Ultra-low power always-on LDO supply
• Two external voltage monitoring inputs
• Programmable I/O interfacing pins
• Advanced frequency management with frequency spread spectrum
• Multi-channel analog multiplexer for system voltage monitoring
• High speed I2C interface with up to 3.4 MHz operation
• Advanced thermal monitoring and thermal shutdown protection
• Functional safety architecture to target up to ASIL D automotive applications
• Functional safety architecture to target up to SIL 2 industrial applications
• Multiple-time programmable configuration (MTP)
• 56-pin QFN Package with exposed pad
• Automotive qualified by AEC-Q100 rev J up to Grade 1
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
2 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More