| データシートサーチシステム |
|
MPF0900AVSA2ES データシート(PDF) 37 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AVSA2ES データシート(HTML) 37 Page - NXP Semiconductors |
|
37 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring aaa-056050 SW1 LDO1 SW3 RSTB SW2 GPOx INTB SYSTEM ON End of PWRUP Start of PWRDN Power-down seq. Run to off Power-up seq. OFF to RUN End of PWRDN Figure 11. Power up/down Transitions 12.3.3.2 Dynamic power-up When the OTP_SEQ_MODE = 1, the device will power up in dynamic mode. When operating in dynamic mode, the device uses the OTP_XXX_SEQ[7:0] bits to set the order in which the system regulators will be enabled during the power-up sequence. The particular slot selection is not relevant for the power-up sequence, instead, the slot number is used to create a hierarchical order during power-up. (Regulators with lower slot numbers belong to a lower hierarchical level). When the OTP_SEQ_MODE = 1, the power-down sequence still uses the XXX_SEQ[7:0] and TBASE[1:0] bits to power down in the reverse time-based sequence as defined in Section 12.4. Channel OTP_XXX_SEQ[7:0] Sequenced power up/down slot Dynamic hierarchical level SW1 0000_0010 Slot 1 Level 2 SW2 0000_0100 Slot 3 Level 3 SW3 0000_1000 Slot 7 Level 5 SW4 0000_0111 Slot 6 Level 4 SW5 0000_0011 Slot 3 Level 3 GPIO1 0000_1000 Slot 7 Level 5 LDO1 0000_0010 Slot 1 Level 2 LDO2 0000_0000 OFF OFF VAON 0000_0001 Slot 0 Level 1 RSTB 0001_1111 Slot 31 Level 7 Table 31. Dynamic power down sequence example Regulators with the lower hierarchical level power up first, and regulators in the next hierarchical level will start powering up only after the previous regulators have reached the point of regulation. PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 37 / 205 |