| データシートサーチシステム |
|
LAN8808D データシート(PDF) 72 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8808D データシート(HTML) 72 Page - Microchip Technology |
|
72 / 80 page ![]() LAN8808D DS00005833C-page 72 © 2026 Microchip Technology Inc. and its subsidiaries 7.0 PACKAGE OUTLINE 7.1 Top Marking Legend: I Temperature range designator (blank = commercial, I = industrial) R Product revision (D = D0 silicon revision) nnn Internal code e3 Pb-free JEDEC® designator for Matte Tin (Sn) YY Year code (last two digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information LAN8808I Rnnn e3 YYWWNNN e3 PIN 1 |