| データシートサーチシステム |
|
LAN8808D データシート(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8808D データシート(HTML) 14 Page - Microchip Technology |
|
14 / 80 page ![]() LAN8808D DS00005833C-page 14 © 2026 Microchip Technology Inc. and its subsidiaries Ethernet Port 1 TX/RX Positive Channel C TX_RXP_C_1 AIO Port 1 Channel C positive signal of differential pair Ethernet Port 1 TX/RX Negative Channel C TX_RXN_C_1 AIO Port 1 Channel C negative signal of differential pair Ethernet Port 1 TX/RX Positive Channel D TX_RXP_D_1 AIO Port 1 Channel D positive signal of differential pair Ethernet Port 1 TX/RX Negative Channel D TX_RXN_D_1 AIO Port 1 Channel D negative signal of differential pair Ethernet Port 2 TX/RX Positive Channel A TX_RXP_A_2 AIO Port 2 Channel A positive signal of differential pair Ethernet Port 2 TX/RX Negative Channel A TX_RXN_A_2 AIO Port 2 Channel A negative signal of differential pair Ethernet Port 2 TX/RX Positive Channel B TX_RXP_B_2 AIO Port 2 Channel B positive signal of differential pair Ethernet Port 2 TX/RX Negative Channel B TX_RXN_B_2 AIO Port 2 Channel B negative signal of differential pair Ethernet Port 2 TX/RX Positive Channel C TX_RXP_C_2 AIO Port 2 Channel C positive signal of differential pair Ethernet Port 2 TX/RX Negative Channel C TX_RXN_C_2 AIO Port 2 Channel C negative signal of differential pair Ethernet Port 2 TX/RX Positive Channel D TX_RXP_D_2 AIO Port 2 Channel D positive signal of differential pair Ethernet Port 2 TX/RX Negative Channel D TX_RXN_D_2 AIO Port 2 Channel D negative signal of differential pair Ethernet Port 3 TX/RX Positive Channel A TX_RXP_A_3 AIO Port 3 Channel A positive signal of differential pair Ethernet Port 3 TX/RX Negative Channel A TX_RXN_A_3 AIO Port 3 Channel A negative signal of differential pair Ethernet Port 3 TX/RX Positive Channel B TX_RXP_B_3 AIO Port 3 Channel B positive signal of differential pair Ethernet Port 3 TX/RX Negative Channel B TX_RXN_B_3 AIO Port 3 Channel B negative signal of differential pair Ethernet Port 3 TX/RX Positive Channel C TX_RXP_C_3 AIO Port 3 Channel C positive signal of differential pair TABLE 3-2: ETHERNET MEDIA INTERFACE PINS (CONTINUED) Name Symbol Buffer Type Description |