| データシートサーチシステム |
|
L7808CV データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7808CV データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 34 page ![]() L7800 SERIES 14/34 Table 21: Electrical Characteristics Of L7818C (refer to the test circuits, TJ = 0 to 125°C, VI = 26V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Table 22: Electrical Characteristics Of L7820C (refer to the test circuits, TJ = 0 to 125°C, VI = 28V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 17.3 18 18.7 V VO Output Voltage IO = 5 mA to 1 A PO ≤ 15W VI = 21 to 33 V 17.1 18 18.9 V ∆V O(*) Line Regulation VI = 21 to 33 V TJ = 25°C 360 mV VI = 24 to 30 V TJ = 25°C 180 ∆V O(*) Load Regulation IO = 5 mA to 1.5 A TJ = 25°C 360 mV IO = 250 to 750 mA TJ = 25°C 180 Id Quiescent Current TJ = 25°C 8 mA ∆I d Quiescent Current Change IO = 5 mA to 1 A 0.5 mA VI = 21 to 33 V 1 ∆V O/∆T Output Voltage Drift IO = 5 mA -1 mV/°C eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 110 µV/V O SVR Supply Voltage Rejection VI = 22 to 32 V f = 120Hz 53 dB Vd Dropout Voltage IO = 1 A TJ = 25°C 2 V RO Output Resistance f = 1 KHz 22 m Ω Isc Short Circuit Current VI = 35 V TJ = 25°C 0.20 A Iscp Short Circuit Peak Current TJ = 25°C 2.1 A Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 19.2 20 20.8 V VO Output Voltage IO = 5 mA to 1 A PO ≤ 15W VI = 23 to 35 V 19 20 21 V ∆V O(*) Line Regulation VI = 22.5 to 35 V TJ = 25°C 400 mV VI = 26 to 32 V TJ = 25°C 200 ∆V O(*) Load Regulation IO = 5 mA to 1.5 A TJ = 25°C 400 mV IO = 250 to 750 mA TJ = 25°C 200 Id Quiescent Current TJ = 25°C 8 mA ∆I d Quiescent Current Change IO = 5 mA to 1 A 0.5 mA VI = 23 to 35 V 1 ∆V O/∆T Output Voltage Drift IO = 5 mA -1 mV/°C eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 150 µV/V O SVR Supply Voltage Rejection VI = 24 to 35 V f = 120Hz 52 dB Vd Dropout Voltage IO = 1 A TJ = 25°C 2 V RO Output Resistance f = 1 KHz 24 m Ω Isc Short Circuit Current VI = 35 V TJ = 25°C 0.18 A Iscp Short Circuit Peak Current TJ = 25°C 2.1 A |