| データシートサーチシステム |
|
L7808CV データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7808CV データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 34 page ![]() L7800 SERIES 15/34 Table 23: Electrical Characteristics Of L7824C (refer to the test circuits, TJ = 0 to 125°C, VI = 33V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Figure 8: Dropout Voltage vs Junction Temperature Figure 9: Peak Output Current vs Input/output Differential Voltage Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 232425 V VO Output Voltage IO = 5 mA to 1 A PO ≤ 15W VI = 27 to 38 V 22.8 24 25.2 V ∆V O(*) Line Regulation VI = 27 to 38 V TJ = 25°C 480 mV VI = 30 to 36 V TJ = 25°C 240 ∆V O(*) Load Regulation IO = 5 mA to 1.5 A TJ = 25°C 480 mV IO = 250 to 750 mA TJ = 25°C 240 Id Quiescent Current TJ = 25°C 8 mA ∆I d Quiescent Current Change IO = 5 mA to 1 A 0.5 mA VI = 27 to 38 V 1 ∆V O/∆T Output Voltage Drift IO = 5 mA -1.5 mV/°C eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 170 µV/V O SVR Supply Voltage Rejection VI = 28 to 38 V f = 120Hz 50 dB Vd Dropout Voltage IO = 1 A TJ = 25°C 2 V RO Output Resistance f = 1 KHz 28 m Ω Isc Short Circuit Current VI = 35 V TJ = 25°C 0.15 A Iscp Short Circuit Peak Current TJ = 25°C 2.1 A |