データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3224MM-ADJ データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3224MM-ADJ
部品情報  615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3224MM-ADJ データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3224MM-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM3224MM-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM3224MM-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM3224MM-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM3224MM-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM3224MM-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LM3224MM-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LM3224MM-ADJ Datasheet HTML 14Page - National Semiconductor (TI) LM3224MM-ADJ Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Operation (Continued)
must exceed the switch current limit. Using Schottky diodes
with lower forward voltage drop will decrease power dissipa-
tion and increase efficiency.
DC GAIN AND OPEN-LOOP GAIN
Since the control stage of the converter forms a complete
feedback loop with the power components, it forms a closed-
loop system that must be stabilized to avoid positive feed-
back and instability. A value for open-loop DC gain will be
required, from which you can calculate, or place, poles and
zeros to determine the crossover frequency and the phase
margin. A high phase margin (greater than 45˚) is desired for
the best stability and transient response. For the purpose of
stabilizing the LM3224, choosing a crossover point well be-
low where the right half plane zero is located will ensure
sufficient phase margin.
To ensure a bandwidth of 12 or less of the frequency of the
RHP zero, calculate the open-loop DC gain, A
DC. After this
value is known, you can calculate the crossover visually by
placing a −20dB/decade slope at each pole, and a +20dB/
decade slope for each zero. The point at which the gain plot
crosses unity gain, or 0dB, is the crossover frequency. If the
crossover frequency is less than 12 the RHP zero, the phase
margin should be high enough for stability. The phase mar-
gin can also be improved by adding C
C2 as discussed later in
this section. The equation for A
DC is given below with addi-
tional equations required for the calculation:
mc ) 0.072fs (in V/s)
where R
L is the minimum load resistance, VIN is the mini-
mum input voltage, g
m is the error amplifier transconduc-
tance found in the Electrical Characteristics table, and R
D-
SON
is the value chosen from the graph "NMOS R
DSON vs.
Input Voltage" in the Typical Performance Characteristics
section.
INPUT AND OUTPUT CAPACITOR SELECTION
The switching action of a boost regulator causes a triangular
voltage waveform at the input. A capacitor is required to
reduce the input ripple and noise for proper operation of the
regulator. The size used is dependant on the application and
board layout. If the regulator will be loaded uniformly, with
very little load changes, and at lower current outputs, the
input capacitor size can often be reduced. The size can also
be reduced if the input of the regulator is very close to the
source output. The size will generally need to be larger for
applications where the regulator is supplying nearly the
maximum rated output or if large load steps are expected. A
minimum value of 10µF should be used for the less stressful
condtions while a 22µF to 47µF capacitor may be required
for higher power and dynamic loads. Larger values and/or
lower ESR may be needed if the application requires very
low ripple on the input source voltage.
The choice of output capacitors is also somewhat arbitrary
and depends on the design requirements for output voltage
ripple. It is recommended that low ESR (Equivalent Series
Resistance, denoted R
ESR) capacitors be used such as
ceramic, polymer electrolytic, or low ESR tantalum. Higher
ESR capacitors may be used but will require more compen-
sation which will be explained later on in the section. The
ESR is also important because it determines the peak to
peak output voltage ripple according to the approximate
equation:
∆V
OUT
) 2
∆i
LRESR (in Volts)
A minimum value of 10µF is recommended and may be
increased to a larger value. After choosing the output capaci-
tor you can determine a pole-zero pair introduced into the
control loop by the following equations:
Where R
L is the minimum load resistance corresponding to
the maximum load current. The zero created by the ESR of
the output capacitor is generally very high frequency if the
ESR is small. If low ESR capacitors are used it can be
neglected. If higher ESR capacitors are used see the High
Output Capacitor ESR Compensation section. Some suit-
able capacitor vendors include Vishay, Taiyo-Yuden, and
TDK.
RIGHT HALF PLANE ZERO
A current mode control boost regulator has an inherent right
half plane zero (RHP zero). This zero has the effect of a zero
in the gain plot, causing an imposed +20dB/decade on the
rolloff, but has the effect of a pole in the phase, subtracting
another 90˚ in the phase plot. This can cause undesirable
effects if the control loop is influenced by this zero. To ensure
the RHP zero does not cause instability issues, the control
loop should be designed to have a bandwidth of less than 12
the frequency of the RHP zero. This zero occurs at a fre-
quency of:
where I
LOAD is the maximum load current.
SELECTING THE COMPENSATION COMPONENTS
The first step in selecting the compensation components R
C
and C
C is to set a dominant low frequency pole in the control
loop. Simply choose values for R
C and CC within the ranges
given in the Introduction to Compensation section to set this
pole in the area of 10Hz to 500Hz. The frequency of the pole
created is determined by the equation:
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com