データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CE データシート(PDF) 127 Page - STMicroelectronics

部品番号 STM32L4P5CE
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CE データシート(HTML) 127 Page - STMicroelectronics

Back Button STM32L4P5CE Datasheet HTML 123Page - STMicroelectronics STM32L4P5CE Datasheet HTML 124Page - STMicroelectronics STM32L4P5CE Datasheet HTML 125Page - STMicroelectronics STM32L4P5CE Datasheet HTML 126Page - STMicroelectronics STM32L4P5CE Datasheet HTML 127Page - STMicroelectronics STM32L4P5CE Datasheet HTML 128Page - STMicroelectronics STM32L4P5CE Datasheet HTML 129Page - STMicroelectronics STM32L4P5CE Datasheet HTML 130Page - STMicroelectronics STM32L4P5CE Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 311 page
background image
Port
D
PD0
-
CAN1_RX
-
LCD_B4
FMC_D2
-
-
EVENTOUT
PD1
-
CAN1_TX
-
LCD_B5
FMC_D3
-
-
EVENTOUT
PD2
UART5_RX
TSC_SYNC
DCMI_D11/PSSI_D11
-
SDMMC1_CMD
-
-
EVENTOUT
PD3
-
-
OCTOSPIM_P2_NCS
LCD_CLK
FMC_CLK
-
-
EVENTOUT
PD4
SDMMC2_CKIN
-
OCTOSPIM_P1_IO4
-
FMC_NOE
-
-
EVENTOUT
PD5
-
-
OCTOSPIM_P1_IO5
-
FMC_NWE
-
-
EVENTOUT
PD6
SDMMC2_CK
-
OCTOSPIM_P1_IO6
LCD_DE
FMC_NWAIT
SAI1_SD_A
-
EVENTOUT
PD7
SDMMC2_CMD
-
OCTOSPIM_P1_IO7
-
FMC_NCE/FMC
_NE1
-
-
EVENTOUT
PD8
-
-
DCMI_HSYNC/PSSI_
DE
LCD_R3
FMC_D13
-
-
EVENTOUT
PD9
-
-
DCMI_PIXCLK/PSSI_
PDCK
LCD_R4
FMC_D14
SAI2_MCLK_A
-
EVENTOUT
PD10
-
TSC_G6_IO1
-
LCD_R5
FMC_D15
SAI2_SCK_A
-
EVENTOUT
PD11
-
TSC_G6_IO2
-
LCD_R6
FMC_A16
SAI2_SD_A
LPTIM2_ETR
EVENTOUT
PD12
-
TSC_G6_IO3
-
LCD_R7
FMC_A17
SAI2_FS_A
LPTIM2_IN1
EVENTOUT
PD13
-
TSC_G6_IO4
-
-
FMC_A18
-
LPTIM2_OUT
EVENTOUT
PD14
-
-
-
LCD_B2
FMC_D0
-
-
EVENTOUT
PD15
-
-
-
LCD_B3
FMC_D1
-
-
EVENTOUT
Table 17. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
UART4/5/LPUA
RT1/CAN2/SDM
MC1/2
CAN1/TSC/LCD
CAN2/OTG_FS/DCMI/
OCTOSPIM_P1/2/QU
ADSPI
SDMMC2/LCD/D
SI/LCD
SDMMC1/2/COM
P1/2/TIM1/8/FM
C/SWPMI1
SAI1/2/TIM8
TIM2/8/15/16/1
7/LPTIM2
EVENOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More