データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CE データシート(PDF) 128 Page - STMicroelectronics

部品番号 STM32L4P5CE
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CE データシート(HTML) 128 Page - STMicroelectronics

Back Button STM32L4P5CE Datasheet HTML 124Page - STMicroelectronics STM32L4P5CE Datasheet HTML 125Page - STMicroelectronics STM32L4P5CE Datasheet HTML 126Page - STMicroelectronics STM32L4P5CE Datasheet HTML 127Page - STMicroelectronics STM32L4P5CE Datasheet HTML 128Page - STMicroelectronics STM32L4P5CE Datasheet HTML 129Page - STMicroelectronics STM32L4P5CE Datasheet HTML 130Page - STMicroelectronics STM32L4P5CE Datasheet HTML 131Page - STMicroelectronics STM32L4P5CE Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 311 page
background image
Port
E
PE0
-
-
DCMI_D2/PSSI_D2
LCD_HSYNC
FMC_NBL0
-
TIM16_CH1
EVENTOUT
PE1
-
-
DCMI_D3/PSSI_D3
LCD_VSYNC
FMC_NBL1
-
TIM17_CH1
EVENTOUT
PE2
-
TSC_G7_IO1
-
LCD_R7
FMC_A23
SAI1_MCLK_A
-
EVENTOUT
PE3
-
TSC_G7_IO2
-
LCD_R6
FMC_A19
SAI1_SD_B
-
EVENTOUT
PE4
-
TSC_G7_IO3
DCMI_D4/PSSI_D4
LCD_B7
FMC_A20
SAI1_FS_A
-
EVENTOUT
PE5
-
TSC_G7_IO4
DCMI_D6/PSSI_D6
LCD_G7
FMC_A21
SAI1_SCK_A
-
EVENTOUT
PE6
-
-
DCMI_D7/PSSI_D7
LCD_G6
FMC_A22
SAI1_SD_A
-
EVENTOUT
PE7
-
-
-
LCD_B6
FMC_D4
SAI1_SD_B
-
EVENTOUT
PE8
-
-
-
LCD_B7
FMC_D5
SAI1_SCK_B
-
EVENTOUT
PE9
-
-
OCTOSPIM_P1_NCL
K
LCD_G2
FMC_D6
SAI1_FS_B
-
EVENTOUT
PE10
-
TSC_G5_IO1
OCTOSPIM_P1_CLK
LCD_G3
FMC_D7
SAI1_MCLK_B
-
EVENTOUT
PE11
-
TSC_G5_IO2
OCTOSPIM_P1_NCS
LCD_G4
FMC_D8
-
-
EVENTOUT
PE12
-
TSC_G5_IO3
OCTOSPIM_P1_IO0
LCD_G5
FMC_D9
-
-
EVENTOUT
PE13
-
TSC_G5_IO4
OCTOSPIM_P1_IO1
LCD_G6
FMC_D10
-
-
EVENTOUT
PE14
-
-
OCTOSPIM_P1_IO2
LCD_G7
FMC_D11
-
-
EVENTOUT
PE15
-
-
OCTOSPIM_P1_IO3
LCD_R2
FMC_D12
-
-
EVENTOUT
Table 17. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
UART4/5/LPUA
RT1/CAN2/SDM
MC1/2
CAN1/TSC/LCD
CAN2/OTG_FS/DCMI/
OCTOSPIM_P1/2/QU
ADSPI
SDMMC2/LCD/D
SI/LCD
SDMMC1/2/COM
P1/2/TIM1/8/FM
C/SWPMI1
SAI1/2/TIM8
TIM2/8/15/16/1
7/LPTIM2
EVENOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More