データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CEU6P データシート(PDF) 101 Page - STMicroelectronics

部品番号 STM32L4P5CEU6P
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P データシート(HTML) 101 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 97Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 98Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 99Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 100Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 101Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 102Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 103Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 104Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 311 page
background image
-
---
--
---
--
---
E11 E11
PH6
I/O FT
-
I2C2_SMBA,
OCTOSPIM_P2_CLK
, DCMI_D8/PSSI_D8,
EVENTOUT
-
-
---
--
---
--
---
D12 D12
PH7
I/O
FT
_f
-
I2C3_SCL,
OCTOSPIM_P2_NCL
K,
DCMI_D9/PSSI_D9,
EVENTOUT
-
-
---
--
---
--
---
D11 D11
PH9
I/O FT
-
I2C3_SMBA,
OCTOSPIM_P2_IO4,
DCMI_D0/PSSI_D0,
EVENTOUT
-
-
---
--
---
--
---
B13 B13
PH12
I/O FT
-
TIM5_CH3,
OCTOSPIM_P2_IO7,
DCMI_D3/PSSI_D3,
EVENTOUT
-
-
---
--
---
--
---
A13 A13
PH14
I/O FT
-
TIM8_CH2N,
DCMI_D4/PSSI_D4,
EVENTOUT
-
-
---
--
---
--
---
B12 B12
PH15
I/O FT
-
TIM8_CH3N,
OCTOSPIM_P2_IO6,
DCMI_D11/PSSI_D11
, EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More