| データシートサーチシステム |
|
STM32L4P5CEU6P データシート(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6P データシート(HTML) 102 Page - STMicroelectronics |
|
102 / 311 page ![]() - --- -- --- -- --- A12 A12 PI0 I/O FT - TIM5_CH4, OCTOSPIM_P1_IO5, SPI2_NSS, DCMI_D13/PSSI_D1 3, EVENTOUT - - --- -- --- -- --- C11 C11 PI8 I/O FT - OCTOSPIM_P2_NCS , DCMI_D12/PSSI_D1 2, EVENTOUT - - --- -- --- -- --- B11 B11 PI1 I/O FT - SPI2_SCK, DCMI_D8/PSSI_D8, EVENTOUT - - --- -- --- -- --- B10 B10 PI2 I/O FT - TIM8_CH4, SPI2_MISO, DCMI_D9/PSSI_D9, EVENTOUT - - --- -- --- -- --- C10 C10 PI3 I/O FT - TIM8_ETR, SPI2_MOSI, DCMI_D10/PSSI_D1 0, EVENTOUT - - --- -- --- -- --- D10 D10 PI4 I/O FT - TIM8_BKIN, DCMI_D5/PSSI_D5, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |