データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CEU6P データシート(PDF) 121 Page - STMicroelectronics

部品番号 STM32L4P5CEU6P
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P データシート(HTML) 121 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 117Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 118Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 119Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 120Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 121Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 122Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 123Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 124Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 311 page
background image
Port G
PG0
---
--
OCTOSPIM_P2_
IO4
--
PG1
---
--
OCTOSPIM_P2_
IO5
--
PG2
---
--
SPI1_SCK
-
-
PG3
---
--
SPI1_MISO
-
-
PG4
---
--
SPI1_MOSI
-
-
PG5
---
--
SPI1_NSS
-
-
PG6
---
OCTOSPIM_P1_
DQS
I2C3_SMBA
-
-
-
PG7
-
-
-
SAI1_CK1
I2C3_SCL
OCTOSPIM_P2_
DQS
DFSDM1_CKOU
T
-
PG8
-
-
-
-
I2C3_SDA
-
-
-
PG9
---
--
OCTOSPIM_P2_
IO6
SPI3_SCK
USART1_TX
PG10
-
LPTIM1_IN1
-
-
-
OCTOSPIM_P2_
IO7
SPI3_MISO
USART1_RX
PG11
-
LPTIM1_IN2
-
OCTOSPIM_P1_
IO5
-
-
SPI3_MOSI
USART1_CTS_
NSS
PG12
-
LPTIM1_ETR
-
-
-
OCTOSPIM_P2_
NCS
SPI3_NSS
USART1_RTS_
DE
PG13
-
-
-
-
I2C1_SDA
-
-
USART1_CK
PG14
-
-
-
-
I2C1_SCL
-
-
-
PG15
-
LPTIM1_OUT
-
-
I2C1_SMBA
OCTOSPIM_P2_
DQS
--
Table 16. Alternate function AF0 to AF7(1) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
OTG_FS/SYS_A
F
TIM1/2/5/8/LPTI
M1
TIM1/2/3/4/5
SPI2/SAI1/I2C4/
USART2/CAN2/
OTG_FS/TIM1/8
/OCTOSPIM_P1/
QUADSPI
I2C1/2/3/4/DCMI
SPI1/2/3/I2C4/D
FSDM1/DCMI/O
CTOSPIM_P1/2/
QUADSPI
SPI3/I2C3/DFSD
M1/COMP1/OCT
OSPIM_P1/2/QU
ADSPI
USART1/2/3/SD
MMC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More