データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CEU6P データシート(PDF) 125 Page - STMicroelectronics

部品番号 STM32L4P5CEU6P
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P データシート(HTML) 125 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 121Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 122Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 123Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 124Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 125Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 126Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 127Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 128Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 311 page
background image
Port
B
PB0
-
-
OCTOSPIM_P1_IO1
LCD_B6
COMP1_OUT
SAI1_EXTCLK
-
EVENTOUT
PB1
LPUART1_RTS_
DE
-
OCTOSPIM_P1_IO0
LCD_G6
-
-
LPTIM2_IN1
EVENTOUT
PB2
-
-
OCTOSPIM_P1_DQS
-
-
-
-
EVENTOUT
PB3
-
-
OTG_FS_CRS_SYNC
-
SDMMC2_D2
SAI1_SCK_B
-
EVENTOUT
PB4
UART5_RTS_DE
TSC_G2_IO1
DCMI_D12/PSSI_D12
-
SDMMC2_D3
SAI1_MCLK_B
TIM17_BKIN
EVENTOUT
PB5
UART5_CTS
TSC_G2_IO2
DCMI_D10/PSSI_D10
-
COMP2_OUT
SAI1_SD_B
TIM16_BKIN
EVENTOUT
PB6
-
TSC_G2_IO3
DCMI_D5/PSSI_D5
LCD_R6
TIM8_BKIN2
SAI1_FS_B
TIM16_CH1N
EVENTOUT
PB7
UART4_CTS
TSC_G2_IO4
DCMI_VSYNC/PSSI_
RDY
LCD_VSYNC
FMC_NL
TIM8_BKIN
TIM17_CH1N
EVENTOUT
PB8
SDMMC1_CKIN
CAN1_RX
DCMI_D6/PSSI_D6
LCD_DE
SDMMC1_D4
SAI1_MCLK_A
TIM16_CH1
EVENTOUT
PB9
SDMMC1_CDIR
CAN1_TX
DCMI_D7/PSSI_D7
-
SDMMC1_D5
SAI1_FS_A
TIM17_CH1
EVENTOUT
PB10
LPUART1_RX
TSC_SYNC
OCTOSPIM_P1_CLK
-
COMP1_OUT
SAI1_SCK_A
-
EVENTOUT
PB11
LPUART1_TX
-
OCTOSPIM_P1_NCS
LCD_VSYNC
COMP2_OUT
-
-
EVENTOUT
PB12
LPUART1_RTS_
DE
TSC_G1_IO1
OCTOSPIM_P1_NCL
K
-
SDMMC2_CK
SAI2_FS_A
TIM15_BKIN
EVENTOUT
PB13
LPUART1_CTS
TSC_G1_IO2
OCTOSPIM_P1_IO1
-
-
SAI2_SCK_A
TIM15_CH1N
EVENTOUT
PB14
-
TSC_G1_IO3
OCTOSPIM_P1_IO6
SDMMC2_D0
-
SAI2_MCLK_A
TIM15_CH1
EVENTOUT
PB15
-
TSC_G1_IO4
OCTOSPIM_P1_IO7
SDMMC2_D1
-
SAI2_SD_A
TIM15_CH2
EVENTOUT
Table 17. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
UART4/5/LPUA
RT1/CAN2/SDM
MC1/2
CAN1/TSC/LCD
CAN2/OTG_FS/DCMI/
OCTOSPIM_P1/2/QU
ADSPI
SDMMC2/LCD/D
SI/LCD
SDMMC1/2/COM
P1/2/TIM1/8/FM
C/SWPMI1
SAI1/2/TIM8
TIM2/8/15/16/1
7/LPTIM2
EVENOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More