| データシートサーチシステム |
|
STM32L4P5CEU3P データシート(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU3P データシート(HTML) 101 Page - STMicroelectronics |
|
101 / 311 page ![]() - --- -- --- -- --- E11 E11 PH6 I/O FT - I2C2_SMBA, OCTOSPIM_P2_CLK , DCMI_D8/PSSI_D8, EVENTOUT - - --- -- --- -- --- D12 D12 PH7 I/O FT _f - I2C3_SCL, OCTOSPIM_P2_NCL K, DCMI_D9/PSSI_D9, EVENTOUT - - --- -- --- -- --- D11 D11 PH9 I/O FT - I2C3_SMBA, OCTOSPIM_P2_IO4, DCMI_D0/PSSI_D0, EVENTOUT - - --- -- --- -- --- B13 B13 PH12 I/O FT - TIM5_CH3, OCTOSPIM_P2_IO7, DCMI_D3/PSSI_D3, EVENTOUT - - --- -- --- -- --- A13 A13 PH14 I/O FT - TIM8_CH2N, DCMI_D4/PSSI_D4, EVENTOUT - - --- -- --- -- --- B12 B12 PH15 I/O FT - TIM8_CH3N, OCTOSPIM_P2_IO6, DCMI_D11/PSSI_D11 , EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |