データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CET3 データシート(PDF) 79 Page - STMicroelectronics

部品番号 STM32L4P5CET3
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CET3 データシート(HTML) 79 Page - STMicroelectronics

Back Button STM32L4P5CET3 Datasheet HTML 75Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 76Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 77Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 78Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 79Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 80Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 81Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 82Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 311 page
background image
-
---
--
---
-
F4
F4
15
15
G5
G5
PF5
I/O FT
-
OCTOSPIM_P2_NCL
K, FMC_A5,
EVENTOUT
-
-
---
--
E10
D9
10
10
F2
F2
16
16
F2
F2
VSS
S
-
-
-
-
-
-
-
-
-
-
E9
E9
11
11
G2
G2
17
17
G2
G2
VDD
S
-
-
-
-
-
---
--
---
--
-
18
18
-
-
PF6
I/O FT
-
TIM5_ETR,
TIM5_CH1,
OCTOSPIM_P1_IO3,
SAI1_SD_B,
EVENTOUT
-
-
---
--
---
--
-
19
19
-
-
PF7
I/O FT
-
TIM5_CH2,
OCTOSPIM_P1_IO2,
SAI1_MCLK_B,
EVENTOUT
-
-
---
--
---
--
-
20
20
-
-
PF8
I/O FT
-
TIM5_CH3,
OCTOSPIM_P1_IO0,
SAI1_SCK_B,
EVENTOUT
-
-
---
--
---
--
-
21
21
-
-
PF9
I/O FT
-
TIM5_CH4,
OCTOSPIM_P1_IO1,
SAI1_FS_B,
TIM15_CH1,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More