データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CET3 データシート(PDF) 24 Page - STMicroelectronics

部品番号 STM32L4P5CET3
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CET3 データシート(HTML) 24 Page - STMicroelectronics

Back Button STM32L4P5CET3 Datasheet HTML 20Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 21Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 22Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 23Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 24Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 25Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 26Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 27Page - STMicroelectronics STM32L4P5CET3 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 311 page
background image
Functional overview
STM32L4P5xx
24/311
DS12903 Rev 2
An embedded linear voltage-regulator is used to supply the internal digital power VCORE.
VCORE is the power supply for digital peripherals, SRAM1, SRAM2 and SRAM3. The Flash
is supplied by VCORE and VDD.
Figure 2. STM32L4P5xx power supply overview
MSv49328V1
VDDA domain
Backup domain
Standby circuitry
(Wakeup logic,
IWDG)
Voltage regulator
Low voltage detector
LSE crystal 32 K osc
BKP registers
RCC BDCR register
RTC
I/O ring
VCORE domain
Temp. sensor
Reset block
3 x PLL, HSI, MSI
Flash memory
USB transceivers
VDDUSB
VDDIO2
VDDIO1
I/O ring
PG[15:2]
VDDIO2
VDDA
VSSA
VSS
VSS
VDDIO2 domain
VDD domain
VCORE
VSS
VDD
VBAT
Core
SRAM1
SRAM2
SRAM3
Digital
peripherals
2 x D/A converters
1 x A/D converter
2 x comparators
2 x operational amplifiers
Voltage reference buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More