データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RKA データシート(PDF) 1 Page - Dwyer Instruments,

部品番号 RKA
部品情報  RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DWYER [Dwyer Instruments,]
ホームページ  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,

RKA データシート(HTML) 1 Page - Dwyer Instruments,

  RKA Datasheet HTML 1Page - Dwyer Instruments, RKA Datasheet HTML 2Page - Dwyer Instruments,  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RATE-MASTER® POLYCARBONATE FLOWMETERS
2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
DWYER INSTRUMENTS, LLC | dwyer-inst.com
246
The
Series RM Rate-Master® Polycarbonate Flowmeters are a line of general use,
direct reading precision flowmeters suitable for both gas and liquid applications. This
Series consists of 2˝ (51 mm), 5˝ (127 mm) and 10˝ (254 mm) scales that can be panel
or surface mounted with optional precision metering valves. Within a given Series, the
Rate-Master® flowmeter bodies can be instantly interchanged, allowing the piping to
remain undisturbed, interchangeability of the ranges, and easy cleaning.
BENEFITS/FEATURES
• Eliminate the need for troublesome conversions with direct reading scales
• Reduce installation damage and cost due to stainless steel backbone that absorbs
piping torque
• Long operation life with durable, shatter-proof polycarbonate body
• High repeatability enabled by precision injection molding around a precision
tapered pin
• Increased reading accuracy with special integral flow guides that stabilize float
movement
• Save time with instantaneous flow reading from scale graduations on both sides of
the indicating tube
APPLICATIONS
• Medical equipment
• Air samplers
• Gas analyzers
• Pollution monitors
• Chemical injectors
• Cabinet purging
A
B C
D
E
F
G
H
I
J
K
L
FULL OPEN
BACK
WIDTH
Model RMC
10˝ scale, 15-3/8˝ high
Model RMB-SSV
5˝ scale, 8-3/4˝ high
Model RMA-TMV
2˝ scale, 4-13/16˝ high
DIMENSIONS - FLOWMETER
Model RMA
Model RMB
Model RMC
A
B
C
D
E
F
G
H
I
J
K
L
4-9/16 [115.90]
3 [76.20]
1/8 NPT conn.
1-5/8 [41.28]
10-32 mtg. holes
3/8 [9.525]
1-1/16 [26.99]
1-3/16 [30.16]
11/16 [17.46]
61/64 [24.21]
1-3/8 [34.92]
3/4 [19.05)
4-13/16 [122.20]
1 [25.40]
8-1/2 [215.90]
6-7/16 [163.50]
1/4 NPT conn.
3-15/16 [100.00]
1/4-20 mtg. holes
5/8 [15.88]
1-7/8 [47.63]
1-3/4 [44.45]
1 [25.40]
1-7/16 [36.51]
1-13/16 [46.04]
1-1/4 [31.75]
8-3/4 [222.30]
1-1/2 [38.10]
15-1/8 [384.20]
12-1/4 [311.20]
1/2 NPT conn.
8-3/4 [222.30]
3/8-24 mtg. holes
1 [25.40]
2-3/4 [69.85]
2-1/2 [63.50]
1-7/16 [36.51]
1-31/32 [50.00]
2-1/2 [63.50]
2 [50.80]
15-3/8 [390.50]
2-1/4 [57.15]
SERIES RM
VVIID
DEEO
O OONN
SPECIFICATIONS
Service: Compatible gases and liquids.
Wetted Materials: Body: Polycarbonate; O-ring: Neoprene and Buna-N; Metal
parts: SS; Float: SS, black glass, aluminum, K monel, tungsten carbide depending
on range.
Temperature Limit: 130°F (54°C).
Pressure Limit: 100 psi (6.9 bar).
Accuracy: RMA: 4%; RMB: 3%; RMC: 2% of FS.
Process Connection: RMA: 1/8˝; RMB: 1/4˝; RMC: 1/2˝ female NPT.
Weight: RMA: 4 oz (113.4 g); RMB: 13 oz (368.5 g); RMC: 39 oz (1105.6 g).
Compliance: Meets the technical requirements of EU Directive 2011/65/EU (RoHS
II).
CAUTION: Dwyer® Rate-Master® flowmeters are designed to provide satisfactory
long term service when used with air, water, or other compatible media. Refer to
factory for information on questionable gases or liquids. Caustic solutions, anti-freeze
(ethylene glycol) and aromatic solvents should definitely not be used.
CALIBRATION SERVICES AVAILABLE
USA: California Proposition 65
WARNING: This product can expose you to chemicals including Lead, which is known to the State
of California to cause cancer and birth defects or other reproductive harm. For more information go
to www.P65Warnings.ca.gov.


同様の部品番号 - RKA

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
RKA0144-K PANASONIC-RKA0144-K Datasheet
5Mb / 71P
DVD Video Recorder Service Manual
logo
Altech corporation
RKA3P ALTECH-RKA3P Datasheet
2Mb / 14P
Extended/Direct Handle Motor Disconnect Switch
RKA4P ALTECH-RKA4P Datasheet
2Mb / 14P
Extended/Direct Handle Motor Disconnect Switch
More results

同様の説明 - RKA

メーカー部品番号データシート部品情報
logo
Phihong USA Inc.
PSA10R-033 PHIHONG-PSA10R-033 Datasheet
133Kb / 3P
10 Watt Interchangeable Plug Series
logo
Projects Unlimited, Inc...
AI-2429-TWT-12V-2-R PUI-AI-2429-TWT-12V-2-R Datasheet
212Kb / 1P
REVISED TONE OR PULSE RATE
logo
Phihong USA Inc.
PSAA20R-120 PHIHONG-PSAA20R-120_14 Datasheet
139Kb / 2P
10~20 Watt Interchangeable Plug Series
logo
Visual Communications C...
CLP-126 VCC-CLP-126 Datasheet
205Kb / 1P
Polycarbonate
CLP-129 VCC-CLP-129 Datasheet
162Kb / 1P
Polycarbonate
logo
Ralston Instruments.
QTHP-RESV RALSTON-QTHP-RESV Datasheet
280Kb / 1P
Polycarbonate Liquid reservoir and (2) gaskets
logo
Phihong USA Inc.
PSAC05R-050L6 PHIHONG-PSAC05R-050L6 Datasheet
191Kb / 3P
5 Watt Interchangeable Plug Series PSAC05R Adapter
logo
TT Electronics.
DS1163 TTELEC-DS1163 Datasheet
627Kb / 2P
Platon Fire Sprinkler Flowmeters
logo
Schneider Electric
84FNPT SCHNEIDER-84FNPT Datasheet
98Kb / 1P
Vortex flowmeters, Flow, Male NPT
Apr 26, 2022
MAG2 SCHNEIDER-MAG2 Datasheet
123Kb / 1P
Magnetic flowmeters, Flow, HART
Apr 26, 2022
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com