データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RKA データシート(PDF) 2 Page - Dwyer Instruments,

部品番号 RKA
部品情報  RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DWYER [Dwyer Instruments,]
ホームページ  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,

RKA データシート(HTML) 2 Page - Dwyer Instruments,

  RKA Datasheet HTML 1Page - Dwyer Instruments, RKA Datasheet HTML 2Page - Dwyer Instruments,  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
247
Adjustable pointer flags
Red lined pointer flags provide quick visual reference to a
required flow level. Of clear plastic, they snap into place inside
bezel and slide to desired level.
Regulator kits
Available as optional extras for both Rate-Master® flowmeters
and Visi-Float® flowmeters models. This view shows Model
VFA Visi-Float® flowmeter with integrally connected constant
differential pressure regulator. Recommended for use where
inlet air pressure fluctuates widely and constant flow is required.
The regulator maintains a constant pressure differential of
approximately 3 ±.15 psig. Supply pressure must be at least 3
psig above the flowmeter discharge to operate. The standard
regulator may be used with any Dwyer® Series RM or VF
flowmeter up to 200 SCFH. For higher flow rates consult the
factory.
RATE-MASTER® POLYCARBONATE FLOWMETERS
Gas Flow from 0.05 to 1800 SCFH,Water Flow to 10 GPM
RANGE CHART - RMB 5˝ SCALE - POPULAR RANGES
Range No. SCFH Air
Range No. SCFH and LPM Air
49***
50
51
52
53
54
55
56
57
0.5 to 5
1 to 10
3 to 20
4 to 50
10 to 100
20 to 200
40 to 400
50 to 500
60 to 600
50D
51D
52D
53D
54D
1.2 to 10/0.6 to 5
2 to 20/1 to 9.5
4 to 50/2 to 23
10 to 100/5 to 50
20 to 200/10 to 95
Range No. GPH and LPM Water
82D
83D
85D
1 to 12/0.06 to 0.76
1 to 20/0.065 to 1.25
10 to 100/0.8 to 6.2
Range No. GPH Water
82
83
84
85
1 to 12
1 to 20
4 to 40
10 to 100
***Accuracy ±5%.
RANGE CHART - RMC 10˝ SCALE - POPULAR RANGES
Range No. SCFH Air
Range No. GPH Water
101
102
103
104
105
106
107
108
5 to 50
10 to 100
20 to 200
40 to 400
60 to 600
100 to 1000
120 to 1200
200 to 1800
134
135
2 to 20
8 to 90
Range No. GPM Water
141
142
143
144
145
.1 to 1
.2 to 2.2
.4 to 4
.8 to 7
1.2 to 10
Range No. SCFM Air
121
122
123
1 to 10
2 to 20
4 to 30
SERIES RM
DWYER INSTRUMENTS, LLC | dwyer-inst.com
CALIBRATION SERVICES AVAILABLE
MODEL CHART
Model
Description
RMA-X
RMA-X-SSV†
RMA-X-TMV•†
RMB-X
RMB-X-SSV†
RMC-X
RMC-X-SSV†
Standard RMA
RMA with stainless steel valve
RMA with top mounted valve
Standard RMB
RMB with stainless steel valve
Standard RMC
RMC with stainless steel valve
How To Order: Series-Range No.(“X”)-Valve-Option
Example: RMA-2-SSV
(Series RMA with .1-1 SCFH air range and stainless steel valve)
•Provide same precision construction but for vacuum applications.
†
Valve is designed for flow adjustment only, not intended to be
used as an open/shut-off valve.
ACCESSORIES
Model
Description
RK-RMB
RKA
Regulator kit for Series RMB
Regulator kit for Series RMA
OPTIONS
To order add suffix: Description
-APF
-BPF
-CPF
-NIST
Adjustable pointer flag for Series RMA
Adjustable pointer flag for Series RMB
Adjustable pointer flag for Series RMC
NIST traceable calibration certificate
Note: Special ranges, scales, mounting arrangements, etc., are
available on special order, or in OEM quantities.
RANGE CHART - RMA 2˝ SCALE - POPULAR RANGES
Range No. SCFH Air
Range No. LPM Air
1**
2
3
4
5
6
7
8
9
10
.05 to .4
.1 to 1
.2 to 2
.5 to 5
1 to 10
2 to 20
5 to 50
10 to 100
15 to 150
20 to 200
26
21
22
23
24
25
.5 to 5
1 to 10
2 to 25
5 to 50
5 to 70
10 to 100
Range No. CC/Min. Water
32
33
34
5 to 50
10 to 110
20 to 300
Range No. CC/Min. Air
Range No. GPH Water
151*
150*
11
12
13
14
5 to 50
10 to 100
30 to 200
50 to 500
100 to 1000
200 to 2500
42
43
44
45
1 to 11
2 to 24
4 to 34
5 to 50
*Accuracy ±8%, NIST not available.
**NIST not available.
USA: California Proposition 65
WARNING: This product can expose you to chemicals including Lead, which is known to the State
of California to cause cancer and birth defects or other reproductive harm. For more information go
to www.P65Warnings.ca.gov.



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com