| データシートサーチシステム |
|
STM32F427II データシート(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427II データシート(HTML) 68 Page - STMicroelectronics |
|
68 / 240 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 68/240 DS9405 Rev 12 85 118 D8 D10 146 B5 168 D11 PD4 I/O FT - USART2_RTS, FMC_NOE, EVENTOUT - 86 119 C8 C11 147 A4 169 C10 PD5 I/O FT - USART2_TX, FMC_NWE, EVENTOUT - - 120 - D8 148 - 170 F8 VSS S- - - - 121 D6 C8 149 C5 171 E9 VDD S- - - 87 122 B8 B11 150 F4 172 B11 PD6 I/O FT - SPI3_MOSI/I2S3_SD, SAI1_SD_A, USART2_RX, FMC_NWAIT, DCMI_D10, LCD_B2, EVENTOUT - 88 123 A8 A11 151 A5 173 A11 PD7 I/O FT - USART2_CK, FMC_NE1/FMC_NCE2 , EVENTOUT - - - - - - - 174 B10 PJ12 I/O FT - LCD_B0, EVENTOUT - - - - - - - 175 B9 PJ13 I/O FT - LCD_B1, EVENTOUT - - - - - - - 176 C9 PJ14 I/O FT - LCD_B2, EVENTOUT - - - - - - - 177 D10 PJ15 I/O FT - LCD_B3, EVENTOUT - - 124 NC (3) C10 152 E5 178 D9 PG9 I/O FT - USART6_RX, FMC_NE2/FMC_NCE3 , DCMI_VSYNC(9), EVENTOUT - - 125 C7 B10 153 C6 179 C8 PG10 I/O FT - LCD_G3, FMC_NCE4_1/FMC_N E3, DCMI_D2, LCD_B2, EVENTOUT - - 126 B7 B9 154 B6 180 B8 PG11 I/O FT - ETH_MII_TX_EN/ETH_ RMII_TX_EN, FMC_NCE4_2, DCMI_D3, LCD_B3, EVENTOUT - Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |