データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F427II データシート(PDF) 70 Page - STMicroelectronics

部品番号 STM32F427II
部品情報  32b Arm® Cortex®-M4 MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 com. interfaces, camera & LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427II データシート(HTML) 70 Page - STMicroelectronics

Back Button STM32F427II Datasheet HTML 66Page - STMicroelectronics STM32F427II Datasheet HTML 67Page - STMicroelectronics STM32F427II Datasheet HTML 68Page - STMicroelectronics STM32F427II Datasheet HTML 69Page - STMicroelectronics STM32F427II Datasheet HTML 70Page - STMicroelectronics STM32F427II Datasheet HTML 71Page - STMicroelectronics STM32F427II Datasheet HTML 72Page - STMicroelectronics STM32F427II Datasheet HTML 73Page - STMicroelectronics STM32F427II Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 240 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
70/240
DS9405 Rev 12
91 135
D5
A6
163 C8 194
A8
PB5
I/O FT
-
TIM3_CH2,
I2C1_SMBA,
SPI1_MOSI,
SPI3_MOSI/I2S3_SD,
CAN2_RX,
OTG_HS_ULPI_D7,
ETH_PPS_OUT,
FMC_SDCKE1,
DCMI_D10,
EVENTOUT
-
92 136
C5
B6
164 A8 195
B6
PB6
I/O FT
-
TIM4_CH1, I2C1_SCL,
USART1_TX,
CAN2_TX,
FMC_SDNE1,
DCMI_D5, EVENTOUT
-
93 137
B5
B5
165 B8 196
B5
PB7
I/O FT
-
TIM4_CH2, I2C1_SDA,
USART1_RX,
FMC_NL,
DCMI_VSYNC,
EVENTOUT
-
94 138
A5
D6
166 C9 197
E6
BOOT0
I
B
-
-
VPP
95 139
D4
A5
167 A9 198
A7
PB8
I/O FT
-
TIM4_CH3,
TIM10_CH1,
I2C1_SCL, CAN1_RX,
ETH_MII_TXD3,
SDIO_D4, DCMI_D6,
LCD_B6, EVENTOUT
-
96 140
C4
B4
168 B9 199
B4
PB9
I/O FT
-
TIM4_CH4,
TIM11_CH1,
I2C1_SDA,
SPI2_NSS/I2S2_WS,
CAN1_TX, SDIO_D5,
DCMI_D7, LCD_B7,
EVENTOUT
-
97 141
B4
A4
169 B10 200
A6
PE0
I/O FT
-
TIM4_ETR,
UART8_RX,
FMC_NBL0, DCMI_D2,
EVENTOUT
-
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function
after reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More