| データシートサーチシステム |
|
STM32F427AI データシート(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427AI データシート(HTML) 54 Page - STMicroelectronics |
|
54 / 240 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 54/240 DS9405 Rev 12 4 4 D1 B2 4 D9 4 B1 PE5 I/O FT - TRACED2, TIM9_CH1, SPI4_MISO, SAI1_SCK_A, FMC_A21, DCMI_D6, LCD_G0, EVENTOUT - 5 5 D2 B3 5 E8 5 B2 PE6 I/O FT - TRACED3, TIM9_CH2, SPI4_MOSI, SAI1_SD_A, FMC_A22, DCMI_D7, LCD_G1, EVENTOUT - -- - - - - - G6 VSS S- - - - -- - - - - - F5 VDD S- - - - 66 E5 C1 6 C11 6 C1 VBAT S- - - - -- NC (3) D2 7 - 7 C2 PI8 I/O FT (4) (5) EVENTOUT TAMP_2 7 7 E4 D1 8 D10 8 D1 PC13 I/O FT (4) (5) EVENTOUT TAMP_1 8 8 E1 E1 9 D11 9 E1 PC14- OSC32_IN (PC14) I/O FT (4) (5) EVENTOUT OSC32_IN (6) 99 F1 F1 10 E11 10 F1 PC15- OSC32_OUT (PC15) I/O FT (4) (5) EVENTOUT OSC32_ OUT(6) -- - - - - - G5 VDD S- - - - -- E2 D3 11 - 11 E4 PI9 I/O FT - CAN1_RX, FMC_D30, LCD_VSYNC, EVENTOUT - - - E3 E3 12 - 12 D5 PI10 I/O FT - ETH_MII_RX_ER, FMC_D31, LCD_HSYNC, EVENTOUT - -- NC (3) E4 13 - 13 F3 PI11 I/O FT - OTG_HS_ULPI_DIR, EVENTOUT - - - F6 F2 14 E7 14 F2 VSS S- - - - Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |