| データシートサーチシステム |
|
STM32F427AI データシート(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427AI データシート(HTML) 59 Page - STMicroelectronics |
|
59 / 240 page ![]() DS9405 Rev 12 59/240 STM32F427xx STM32F429xx Pinouts and pin description 85 33 44 L4 N5 54 M8 57 N5 PC4 I/O FT (6) ETH_MII_RXD0/ETH_ RMII_RXD0, EVENTOUT ADC12_ IN14 34 45 M4 P5 55 N9 58 P5 PC5 I/O FT (6) ETH_MII_RXD1/ETH_ RMII_RXD1, EVENTOUT ADC12_ IN15 -- - - - J7 59 L7 VDD S- - - - - - - - - - 60 L6 VSS S - - - - 35 46 N4 R5 56 N8 61 R5 PB0 I/O FT (6) TIM1_CH2N, TIM3_CH3, TIM8_CH2N, LCD_R3, OTG_HS_ULPI_D1, ETH_MII_RXD2, EVENTOUT ADC12_ IN8 36 47 K5 R4 57 K7 62 R4 PB1 I/O FT (6) TIM1_CH3N, TIM3_CH4, TIM8_CH3N, LCD_R6, OTG_HS_ULPI_D2, ETH_MII_RXD3, EVENTOUT ADC12_ IN9 37 48 L5 M6 58 L7 63 M5 PB2-BOOT1 (PB2) I/O FT - EVENTOUT - - - - - - - 64 G4 PI15 I/O FT - LCD_R0, EVENTOUT - - - - - - - 65 R6 PJ0 I/O FT - LCD_R1, EVENTOUT - - - - - - - 66 R7 PJ1 I/O FT - LCD_R2, EVENTOUT - - - - - - - 67 P7 PJ2 I/O FT - LCD_R3, EVENTOUT - - - - - - - 68 N8 PJ3 I/O FT - LCD_R4, EVENTOUT - - - - - - - 69 M9 PJ4 I/O FT - LCD_R5, EVENTOUT - - 49 M5 R6 59 M7 70 P8 PF11 I/O FT - SPI5_MOSI, FMC_SDNRAS, DCMI_D12, EVENTOUT - - 50 N5 P6 60 N7 71 M6 PF12 I/O FT - FMC_A6, EVENTOUT - - 51G9 M861 - 72 K7 VSS S- - - Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |