| データシートサーチシステム |
|
STM32F429NE データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429NE データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 240 page ![]() DS9405 Rev 12 13/240 STM32F427xx STM32F429xx Introduction 44 1 Introduction This datasheet provides the description of the STM32F427xx and STM32F429xx line of microcontrollers. For more details on the whole STMicroelectronics STM32 family, refer to Section 2.1: Full compatibility throughout the family. The STM32F427xx and STM32F429xx datasheet should be read with the STM32F4xx reference manual. For information on the Cortex®-M4 core, refer to the Cortex®-M4 programming manual (PM0214), available from www.st.com. For information on the device errata with respect to the datasheet and reference manual, refer to the STM32F427/437xx and STM32F429/439xx errata sheet (ES0206), available from www.st.com. |