データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LXK2-PE12-R00 データシート(PDF) 9 Page - Lumileds Lighting Company

部品番号 LXK2-PE12-R00
部品情報  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUMILEDS [Lumileds Lighting Company]
ホームページ  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PE12-R00 データシート(HTML) 9 Page - Lumileds Lighting Company

Back Button LXK2-PE12-R00 Datasheet HTML 5Page - Lumileds Lighting Company LXK2-PE12-R00 Datasheet HTML 6Page - Lumileds Lighting Company LXK2-PE12-R00 Datasheet HTML 7Page - Lumileds Lighting Company LXK2-PE12-R00 Datasheet HTML 8Page - Lumileds Lighting Company LXK2-PE12-R00 Datasheet HTML 9Page - Lumileds Lighting Company LXK2-PE12-R00 Datasheet HTML 10Page - Lumileds Lighting Company LXK2-PE12-R00 Datasheet HTML 11Page - Lumileds Lighting Company LXK2-PE12-R00 Datasheet HTML 12Page - Lumileds Lighting Company LXK2-PE12-R00 Datasheet HTML 13Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
9
Typical Electrical Characteristics at 700mA
Part Numbers LXK2xxx2xxx, Junction Temperature, TJ = 25ºC
Table 5.
T
Ty
yp
piic
ca
all F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
Vff [1]
C
Co
ollo
orr
((V
V))
CoolWhite
3.60
NeutralWhite
3.60
WarmWhite
3.60
Green
3.60
Cyan
3.60
Blue
3.60
Royal Blue
3.60
Red
3.60
RedOrange
3.60
Amber
3.60
Notes for Table 5:
1.
Philips Lumileds maintains a tolerance of +/0.06V on forward voltage measurements.
2.
Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See figures 14 and 15.
3
Measured between 25°C = TJ = 110°C at If = 700 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41