| データシートサーチシステム |
|
LXK2-PE12-R00 データシート(PDF) 12 Page - Lumileds Lighting Company |
|
|
|||||||||||||||||||||||||||||
LXK2-PE12-R00 データシート(HTML) 12 Page - Lumileds Lighting Company |
|
12 / 41 page ![]() LUXEON K2 Datasheet DS51 (7/07) 12 JEDEC Moisture Sensitivity Table 9. S So oa ak k R Re eq qu uiirre em me en ntts s L Le ev ve ell F Fllo oo orr L Liiffe e S Stta an nd da arrd d A Ac cc ce elle erra atte ed d E En nv viirro on nm me en ntt T Tiim me e C Co on nd diittiio on ns s T Tiim me e C Co on nd diittiio on ns s T Tiim me e C Co on nd diittiio on ns s ((h ho ou urrs s)) ((h ho ou urrs s)) 2a 4 ≤ 30°C / 696 [1] 30°C / 60% 120 60°C / 60% weeks 60% RH + 5/0 RH +1/0 RH Notes for Table 9: 1. The standard soak time includes a default value of 24 hours for semiconductor manufacturer's exposure time (MET) between bake and bag and includes the maximum time allowed out of the bag at the distributor's facility. Reflow Soldering Characteristics Table 10. P Prro offiille e F Fe ea attu urre e L Le ea ad d F Frre ee e A As ss se em mb blly y Average RampUp Rate (Tsmax to Tp) 3°C / second max Preheat Temperature Min (Tsmin) 150°C Preheat Temperature Max (Tsmax) 200°C Preheat Time (tsmin to tsmax) 60 180 seconds Temperature (TL) 217°C Time Maintained Above Temperature (TL) 60 150 seconds Peak / Classification Temperature (TP) 260°C Time Within 5°C of Actual Peak Temperature (TP) 20 40 seconds Ramp Down Rate 6°C / second max Time 25°C to Peak Temperature 8 minutes max Notes for Table 10: 1. All temperatures refer to topside of the package, measured on the package body surface. JEDEC 020c |