データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1117AL データシート(PDF) 16 Page - STMicroelectronics

部品番号 LD1117AL
部品情報  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117AL データシート(HTML) 16 Page - STMicroelectronics

Back Button LD1117AL Datasheet HTML 12Page - STMicroelectronics LD1117AL Datasheet HTML 13Page - STMicroelectronics LD1117AL Datasheet HTML 14Page - STMicroelectronics LD1117AL Datasheet HTML 15Page - STMicroelectronics LD1117AL Datasheet HTML 16Page - STMicroelectronics LD1117AL Datasheet HTML 17Page - STMicroelectronics LD1117AL Datasheet HTML 18Page - STMicroelectronics LD1117AL Datasheet HTML 19Page - STMicroelectronics LD1117AL Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Package mechanical data
LD1117A series
16/27
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
TO-220 MECHANICAL DATA
P011C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27