データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1117AL データシート(PDF) 24 Page - STMicroelectronics

部品番号 LD1117AL
部品情報  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117AL データシート(HTML) 24 Page - STMicroelectronics

Back Button LD1117AL Datasheet HTML 19Page - STMicroelectronics LD1117AL Datasheet HTML 20Page - STMicroelectronics LD1117AL Datasheet HTML 21Page - STMicroelectronics LD1117AL Datasheet HTML 22Page - STMicroelectronics LD1117AL Datasheet HTML 23Page - STMicroelectronics LD1117AL Datasheet HTML 24Page - STMicroelectronics LD1117AL Datasheet HTML 25Page - STMicroelectronics LD1117AL Datasheet HTML 26Page - STMicroelectronics LD1117AL Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Package mechanical data
LD1117A series
24/27
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
180
7.086
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N
60
2.362
T
14.4
0.567
Ao
10.50
10.6
10.70
0.413
0.417
0.421
Bo
15.70
15.80
15.90
0.618
0.622
0.626
Ko
4.80
4.90
5.00
0.189
0.193
0.197
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
11.9
12.0
12.1
0.468
0.472
0.476
Ta
pe & Reel D2PAK-P 2PAK-D 2PAK/A-P 2PAK/A MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27