データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF355 データシート(PDF) 13 Page - STMicroelectronics

部品番号 LF355
部品情報  WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF355 データシート(HTML) 13 Page - STMicroelectronics

Back Button LF355 Datasheet HTML 6Page - STMicroelectronics LF355 Datasheet HTML 7Page - STMicroelectronics LF355 Datasheet HTML 8Page - STMicroelectronics LF355 Datasheet HTML 9Page - STMicroelectronics LF355 Datasheet HTML 10Page - STMicroelectronics LF355 Datasheet HTML 11Page - STMicroelectronics LF355 Datasheet HTML 12Page - STMicroelectronics LF355 Datasheet HTML 13Page - STMicroelectronics LF355 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
6.6
0260
i
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060
LF155 - LF156 - LF157
13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14