データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF355 データシート(PDF) 14 Page - STMicroelectronics

部品番号 LF355
部品情報  WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF355 データシート(HTML) 14 Page - STMicroelectronics

Back Button LF355 Datasheet HTML 6Page - STMicroelectronics LF355 Datasheet HTML 7Page - STMicroelectronics LF355 Datasheet HTML 8Page - STMicroelectronics LF355 Datasheet HTML 9Page - STMicroelectronics LF355 Datasheet HTML 10Page - STMicroelectronics LF355 Datasheet HTML 11Page - STMicroelectronics LF355 Datasheet HTML 12Page - STMicroelectronics LF355 Datasheet HTML 13Page - STMicroelectronics LF355 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC MICROPACKAGE (SO)
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.25
0.004
0.010
a2
1.65
0.065
a3
0.65
0.85
0.026
0.033
b
0.35
0.48
0.014
0.019
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.020
c1
45
o (typ.)
D
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.150
0.157
L
0.4
1.27
0.016
0.050
M
0.6
0.024
S8
o (max.)
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifi-
cations mentioned in this pub lication are subject to change without notice. This publication supersedes and replaces all infor-
mation previously supplied. STMicroelectronics products are not authorized for use as critical components in life support
devices or systems without express written approval of STMicroelectronics.
© The ST logo is a trademark of STMicroelectronics
© 1998 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdo m - U.S.A.
LF155 - LF156 - LF157
14/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14