| データシートサーチシステム |
|
STA33013TR データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA33013TR データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 55 page ![]() STA330 Serial digital audio interface (SAI) 29/55 8.5 SAI pass-through A configuration is available which allows the SAI input signal to be passed straight to the digital output. The STA330 is able to translate the incoming serial audio interface signal from SAI-in to a different output format on SAI-out. So the SAI pass-through enables devices to be cascaded, even devices with slightly different protocols. The pass-through is set by programming register PWMINT1 on page 49 with the value 0x00 and register PWMINT2 with the value 0x01. SAI-in protocol is set up with registers S2PCFG0 on page 39 and S2PCFG1 and SAI-out protocol with P2SCFG0 on page 41 and P2SCFG1. Input and output data sampling frequencies must be the same. |