| データシートサーチシステム |
|
STA33013TR データシート(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA33013TR データシート(HTML) 46 Page - STMicroelectronics |
|
46 / 55 page ![]() Registers STA330 46/55 PLLST PLL status register (RO) Address: 0x19 Type: RO Buffer: No Reset: Undefined Description: Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PLL_UNLOCK PLL_ PWD_ STATE PLL_ BYP_ STATE 7 PLL_UNLOCK: PLL unlock state: 0: PLL is not in unlock state 1: PLL is in unlock state 6 PLL_PWD_ STATE: PLL power-down state: 0: PLL is not in power-down state 1: PLL is in power-down state 5 PLL_BYP_STATE: PLL bypass state: 0: PLL is not in bypass state 1: PLL is in bypass state 4:0 Reserved |