| データシートサーチシステム |
|
116014 データシート(PDF) 2 Page - RUKO GmbH Präzisionswerkzeuge |
|
|
|||||||||||||||||||||||||||||
116014 データシート(HTML) 2 Page - RUKO GmbH Präzisionswerkzeuge |
|
2 / 6 page ![]() 1.8 1.8 - 174 - L1 L2 L1 L2 Rotary burrs Tungsten carbide rotary burrs shape A cylinder (ZYA) without end toothing Finish: Shape A cylinder (ZYA) without end toothing Cutting: Cross toothing Toothing: CT 4 Surface: bright The high-performance tungsten carbide rotary burrs provide maximum cutting edge stability with a simultaneous high tenacity of the cutting edge. The cross toothing provides a higher cutting capacity compared with the simple too- thing. This particularly has a positive effect on materials which are difficult to cut. Fields of application: for high-alloy steels, non- rusting steels, acid-resistant steels, heat-resis- tant steels, die-casts and plastics. To de-bur, break edges, trim, pro-cess welding seams, surface processing. Ø-D1 mm L2 mm Total length L1 min. mm Shank-Ø D2 mm Article no. Price / each € 3,0 14,0 38,0 3,0 116 046 6,0 18,0 58,0 6,0 116 010 8,0 18,0 60,0 6,0 116 011 10,0 20,0 60,0 6,0 116 012 12,0 25,0 65,0 6,0 116 013 16,0 25,0 65,0 6,0 116 014 Tungsten carbide rotary burrs shape A cylinder (ZYA) with end toothing Finish: Shape A cylinder (ZYA) with end toothing Cutting: Cross toothing Toothing: CT 4 Surface: bright The high-performance tungsten carbide rotary burrs provide maximum cutting edge stability with a simultaneous high tenacity of the cutting edge. The cross toothing provides a higher cutting capacity compared with the simple too- thing. This particularly has a positive effect on materials which are difficult to cut. Fields of application: for high-alloy steels, non- rusting steels, acid-resistant steels, heat-resis- tant steels, die-casts and plastics. To de-bur, break edges, trim, pro-cess welding seams, surface processing. Packing unit: each in plastic packaging Packing unit: each in plastic packaging Ø-D1 mm L2 mm Total length L1 min. mm Shank-Ø D2 mm Article no. Price / each € 3,0 14,0 38,0 3,0 116 047 6,0 18,0 58,0 6,0 116 015 8,0 18,0 60,0 6,0 116 016 10,0 20,0 60,0 6,0 116 017 12,0 25,0 65,0 6,0 116 018 16,0 25,0 65,0 6,0 116 019 |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |