| データシートサーチシステム |
|
116014 データシート(PDF) 4 Page - RUKO GmbH Präzisionswerkzeuge |
|
|
|||||||||||||||||||||||||||||
116014 データシート(HTML) 4 Page - RUKO GmbH Präzisionswerkzeuge |
|
4 / 6 page ![]() 1.8 1.8 - 176 - L1 L2 L1 L2 Rotary burrs Tungsten carbide rotary burrs shape F ball nose tree (RBF) Finish: shape F ball nose tree (RBF) Cutting: Cross toothing Toothing: CT 4 Surface: bright The high-performance tungsten carbide rotary burrs provide maximum cutting edge stability with a simultaneous high tenacity of the cutting edge. The cross toothing provides a higher cutting capacity compared with the simple too- thing. This particularly has a positive effect on materials which are difficult to cut. Fields of application: for high-alloy steels, non- rusting steels, acid-resistant steels, heat-resis- tant steels, die-casts and plastics. To de-bur, break edges, trim, pro-cess welding seams, surface processing. Tungsten carbide rotary burrs shape M cone (SKM) Finish: Shape M cone (SKM) Cutting: Cross toothing Toothing: CT 4 Surface: bright The high-performance tungsten carbide rotary burrs provide maximum cutting edge stability with a simultaneous high tenacity of the cutting edge. The cross toothing provides a higher cutting capacity compared with the simple too- thing. This particularly has a positive effect on materials which are difficult to cut. Fields of application: for high-alloy steels, non- rusting steels, acid-resistant steels, heat-resis- tant steels, die-casts and plastics. To de-bur, break edges, trim, pro-cess welding seams, surface processing. Packing unit: each in plastic packaging Packing unit: each in plastic packaging Ø-D1 mm L2 mm Total length L1 min. mm Shank-Ø D2 mm Article no. Price / each € 3,0 13,0 38,0 3,0 116 050 6,0 18,0 58,0 6,0 116 030 8,0 18,0 60,0 6,0 116 031 10,0 20,0 60,0 6,0 116 032 12,0 25,0 65,0 6,0 116 033 16,0 25,0 70,0 6,0 116 034 Ø-D1 mm L2 mm Total length L1 min. mm Shank-Ø D2 mm Article no. Price / each € 3,0 11,0 38,0 3,0 116 051 6,0 18,0 58,0 6,0 116 035 8,0 18,0 60,0 6,0 116 036 10,0 20,0 60,0 6,0 116 037 12,0 25,0 65,0 6,0 116 038 16,0 25,0 70,0 6,0 116 039 |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |