データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TXB0604RUTR データシート(PDF) 21 Page - Texas Instruments

部品番号 TXB0604RUTR
部品情報  TXB0604 Auto-Bidirectional Level Translator for High-Speed Interfaces
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

TXB0604RUTR データシート(HTML) 21 Page - Texas Instruments

Back Button TXB0604RUTR Datasheet HTML 17Page - Texas Instruments TXB0604RUTR Datasheet HTML 18Page - Texas Instruments TXB0604RUTR Datasheet HTML 19Page - Texas Instruments TXB0604RUTR Datasheet HTML 20Page - Texas Instruments TXB0604RUTR Datasheet HTML 21Page - Texas Instruments TXB0604RUTR Datasheet HTML 22Page - Texas Instruments TXB0604RUTR Datasheet HTML 23Page - Texas Instruments TXB0604RUTR Datasheet HTML 24Page - Texas Instruments TXB0604RUTR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
7.3 Feature Description
7.3.1 Architecture
The TXB0604 device architecture (see Figure 7-1) does not require a direction-control signal to control the
direction of data flow from A to B or from B to A. In a DC state, the output drivers of the device maintain a high or
low, but are designed to be weak, so the output drivers can be overdriven by an external driver when data on the
bus flows the opposite direction.
The output one-shots detect rising or falling edges on the A or B ports. During a rising edge, the one-shot turns
on the PMOS transistors (T1, T3) for a short duration, which speeds up the low-to-high transition. Similarly,
during a falling edge, the one-shot turns on the NMOS transistors (T2, T4) for a short duration, which speeds up
the high-to-low transition. The typical output impedance during output transition is approximately 28Ω at VCCO =
1.8V, approximately 22Ω at VCCO = 2.5V, and 21Ω at VCCO = 3.3V.
One Shot
One Shot
1 k
T1
T2
One Shot
One Shot
1 k
T3
T4
A
B
VCCA
VCCB
Figure 7-1. Architecture of TXB0604 Device I/O Cell
www.ti.com
TXB0604
SCES983A – OCTOBER 2025 – REVISED MARCH 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TXB0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com