データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TXB0604RUTR データシート(PDF) 8 Page - Texas Instruments

部品番号 TXB0604RUTR
部品情報  TXB0604 Auto-Bidirectional Level Translator for High-Speed Interfaces
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

TXB0604RUTR データシート(HTML) 8 Page - Texas Instruments

Back Button TXB0604RUTR Datasheet HTML 4Page - Texas Instruments TXB0604RUTR Datasheet HTML 5Page - Texas Instruments TXB0604RUTR Datasheet HTML 6Page - Texas Instruments TXB0604RUTR Datasheet HTML 7Page - Texas Instruments TXB0604RUTR Datasheet HTML 8Page - Texas Instruments TXB0604RUTR Datasheet HTML 9Page - Texas Instruments TXB0604RUTR Datasheet HTML 10Page - Texas Instruments TXB0604RUTR Datasheet HTML 11Page - Texas Instruments TXB0604RUTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
over operating free-air temperature range (unless otherwise noted)(1) (2)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
Operating free-air temperature (TA)
UNIT
–40°C to 85°C
–40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
VOHB
Port B output high
voltage
IOH = –20µA
0.9V to 1.2V
1.65V to 3.6V
VCCB -
0.2
VCCB -
0.2
V
1.2V to 2V
VCCB -
0.4
VCCB -
0.4
VOLB
Port B output low
voltage
IOL = 20µA
0.9V to 2V
1.65V to 3.6V
0.05
0.06
V
II
Input leakage
current
OE
VI = VCC or GND
0.9V to 2V
1.65V to 3.6V
±0.16
±0.84
µA
IOFF
Input leakage
current
A Port
VI = VCC or GND
0V
0V to 3.6V
±0.68
±3.89
µA
B Port
VI = VCC or GND
0V to 2V
0V
±0.62
±1.45
µA
IOZ
High-impedance
state output
current
OE = GND
0.9V to 2V
1.65V to 3.6V
±0.34
±2.01
µA
ICCA
VCCA supply
current
VI = VCCI or GND,
IO = 0
0.9V
1.65V to 3.6V
5.37
16.19
µA
1.1V to 2V
1.65V to 3.6V
8.49
23.03
µA
2V
0V
4.06
18.88
µA
0V
3.6V
1.6
9.5
µA
ICCB
VCCB supply
current
VI = VCCI or GND,
IO = 0
0.9V
1.65V to 3.6V
9.53
12.55
µA
1.1V to 2V
1.65V to 3.6V
9.53
12.55
µA
2V
0V
0.3
3
µA
0V
3.6V
1.4
4.95
µA
ICCA +
ICCB
Combined supply
current
VI = VCCI or GND
IO = 0
0.9V to 1.2V
1.65V to 3.6V
14.85
26.7
µA
VI = VCCI or GND
IO = 0
1.2V to 2V
1.65V to 3.6V
17.99
34.23
ICCZA
High-impedance
state VCCA supply
current
VI = VCCI or GND
IO = 0, OE = GND
0.9V to 2V
1.65V to 3.6V
5.66
20.39
µA
ICCZB
High-impedance
state VCCB supply
current
VI = VCCI or GND
IO = 0, OE = GND
0.9V to 2V
1.65V to 3.6V
3.95
7.62
µA
Ci
Control Input
Capacitance
OE
0.9V to 2V
1.65V to 3.6V
3.01
3.02
pF
Cio
Input-to-output
internal
capacitance
A port
0.9V to 2V
1.65V to 3.6V
4.71
6.57
pF
Cio
Input-to-output
internal
capacitance
B port
0.9V to 2V
1.65V to 3.6V
7.45
7.49
pF
(1)
VCCI is the VCC associated with the input port
(2)
VCCO is the VCC associated with the output port
TXB0604
SCES983A – OCTOBER 2025 – REVISED MARCH 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TXB0604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com