データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M58LR128KB データシート(PDF) 65 Page - Numonyx B.V

部品番号 M58LR128KB
部品情報  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NUMONYX [Numonyx B.V]
ホームページ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB データシート(HTML) 65 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 61Page - Numonyx B.V M58LR128KB Datasheet HTML 62Page - Numonyx B.V M58LR128KB Datasheet HTML 63Page - Numonyx B.V M58LR128KB Datasheet HTML 64Page - Numonyx B.V M58LR128KB Datasheet HTML 65Page - Numonyx B.V M58LR128KB Datasheet HTML 66Page - Numonyx B.V M58LR128KB Datasheet HTML 67Page - Numonyx B.V M58LR128KB Datasheet HTML 68Page - Numonyx B.V M58LR128KB Datasheet HTML 69Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
DC and AC parameters
65/111
Figure 12.
Single synchronous read AC waveforms
1.
Amax is equal to A22 in the M58LR128KT/B and, to A23 in the M58LR256KT/B.
2.
Address latched and data output on the rising clock edge. Either the rising or the falling edge of the clock
signal, K, can be configured as the active edge. Here, the active edge is the rising one.
3.
The WAIT signal is configured to be active during wait state. WAIT signal is active Low.
Ai14019
E
G
A0-Amax(1)
L
WAIT(3)
K(2)
VALID ADDRESS
tGLQV
tAVKH
tLLKH
tELKH
Hi-Z
tELQX
tKHQV
tGLQX
tKHTV
DQ0-DQ15
VALID
Hi-Z
tELQV
tGLTV
tGHTZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More