データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M58LR128KB データシート(PDF) 10 Page - Numonyx B.V

部品番号 M58LR128KB
部品情報  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NUMONYX [Numonyx B.V]
ホームページ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB データシート(HTML) 10 Page - Numonyx B.V

Back Button M58LR128KB Datasheet HTML 6Page - Numonyx B.V M58LR128KB Datasheet HTML 7Page - Numonyx B.V M58LR128KB Datasheet HTML 8Page - Numonyx B.V M58LR128KB Datasheet HTML 9Page - Numonyx B.V M58LR128KB Datasheet HTML 10Page - Numonyx B.V M58LR128KB Datasheet HTML 11Page - Numonyx B.V M58LR128KB Datasheet HTML 12Page - Numonyx B.V M58LR128KB Datasheet HTML 13Page - Numonyx B.V M58LR128KB Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
Description
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
10/111
Figure 1.
Logic diagram
1.
Amax is equal to A22 in the M58LR128KT/B and, to A23 in the M58LR256KT/B.
Table 1.
Signal names
Signal name
Function
Direction
A0-Amax(1)
1.
Amax is equal to A22 in the M58LR128KT/B and, to A23 in the M58LR256KT/B.
Address inputs
Inputs
DQ0-DQ15
Data input/outputs, command inputs
I/O
E
Chip Enable
Input
G
Output Enable
Input
W
Write Enable
Input
RP
Reset
Input
WP
Write Protect
Input
K
Clock
Input
L
Latch Enable
Input
WAIT
Wait
Output
VDD
Supply voltage
VDDQ
Supply voltage for input/output buffers
VPP
Optional supply voltage for fast program & erase
VSS
Ground
VSSQ
Ground input/output supply
AI14011
A0-Amax(1)
W
DQ0-DQ15
VDD
M58LR128KT
M58LR128KB
M58LR256KT
M58LR256KB
E
VSS
16
G
RP
WP
VDDQ VPP
L
K
WAIT
VSSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More