データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS862AIPT データシート(PDF) 12 Page - STMicroelectronics

部品番号 TS862AIPT
部品情報  Rail-to-rail micropower BiCMOS comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS862AIPT データシート(HTML) 12 Page - STMicroelectronics

Back Button TS862AIPT Datasheet HTML 8Page - STMicroelectronics TS862AIPT Datasheet HTML 9Page - STMicroelectronics TS862AIPT Datasheet HTML 10Page - STMicroelectronics TS862AIPT Datasheet HTML 11Page - STMicroelectronics TS862AIPT Datasheet HTML 12Page - STMicroelectronics TS862AIPT Datasheet HTML 13Page - STMicroelectronics TS862AIPT Datasheet HTML 14Page - STMicroelectronics TS862AIPT Datasheet HTML 15Page - STMicroelectronics TS862AIPT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Package information
TS861, TS862, TS864
12/19
Doc ID 6422 Rev 3
3.1
SOT23-5 package information
Figure 24.
SOT23-5L package outline
Table 6.
SOT23-5L package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.20
1.45
0.035
0.047
0.057
A1
0.15
0.006
A2
0.90
1.05
1.30
0.035
0.041
0.051
B
0.35
0.40
0.50
0.013
0.015
0.019
C
0.09
0.15
0.20
0.003
0.006
0.008
D
2.80
2.90
3.00
0.110
0.114
0.118
D1
1.90
0.075
e
0.95
0.037
E
2.60
2.80
3.00
0.102
0.110
0.118
F
1.50
1.60
1.75
0.059
0.063
0.069
L
0.10
0.35
0.60
0.004
0.013
0.023
K0°
10°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19