データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P05-AV データシート(PDF) 28 Page - STMicroelectronics

部品番号 M25P05-AV
部品情報  512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P05-AV データシート(HTML) 28 Page - STMicroelectronics

Back Button M25P05-AV Datasheet HTML 24Page - STMicroelectronics M25P05-AV Datasheet HTML 25Page - STMicroelectronics M25P05-AV Datasheet HTML 26Page - STMicroelectronics M25P05-AV Datasheet HTML 27Page - STMicroelectronics M25P05-AV Datasheet HTML 28Page - STMicroelectronics M25P05-AV Datasheet HTML 29Page - STMicroelectronics M25P05-AV Datasheet HTML 30Page - STMicroelectronics M25P05-AV Datasheet HTML 31Page - STMicroelectronics M25P05-AV Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
M25P05-A
28/34
Figure 22. Serial Input Timing
Figure 23. Write Protect Setup and Hold Timing during WRSR when SRWD=1
C
D
AI01447C
S
MSB IN
Q
tDVCH
High Impedance
LSB IN
tSLCH
tCHDX
tCHCL
tCLCH
tSHCH
tSHSL
tCHSH
tCHSL
C
D
S
Q
High Impedance
W
tWHSL
tSHWL
AI07439



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34