データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P05-AV データシート(PDF) 33 Page - STMicroelectronics

部品番号 M25P05-AV
部品情報  512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P05-AV データシート(HTML) 33 Page - STMicroelectronics

Back Button M25P05-AV Datasheet HTML 26Page - STMicroelectronics M25P05-AV Datasheet HTML 27Page - STMicroelectronics M25P05-AV Datasheet HTML 28Page - STMicroelectronics M25P05-AV Datasheet HTML 29Page - STMicroelectronics M25P05-AV Datasheet HTML 30Page - STMicroelectronics M25P05-AV Datasheet HTML 31Page - STMicroelectronics M25P05-AV Datasheet HTML 32Page - STMicroelectronics M25P05-AV Datasheet HTML 33Page - STMicroelectronics M25P05-AV Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
33/34
M25P05-A
REVISION HISTORY
Table 15. Document Revision History
Date
Rev.
Description of Revision
25-Feb-2001
1.0
Document written
11-Apr-2002
1.1
Clarification of descriptions of entering Stand-by Power mode from Deep Power-down mode,
and of terminating an instruction sequence or data-out sequence.
12-Sep-2002
1.2
VFQFPN8 package (MLP8) added.
13-Dec-2002
1.3
Typical Page Program time improved. Write Protect setup and hold times specified, for
applications that switch Write Protect to exit the Hardware Protection mode immediately before
a WRSR, and to enter the Hardware Protection mode again immediately after.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34