データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P40-VMP6TP データシート(PDF) 27 Page - STMicroelectronics

部品番号 M25P40-VMP6TP
部品情報  4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP6TP データシート(HTML) 27 Page - STMicroelectronics

Back Button M25P40-VMP6TP Datasheet HTML 23Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 24Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 25Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 26Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 27Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 28Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 29Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 30Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
27/40
M25P40
Figure 20. Power-up Timing
Table 7. Power-Up Timing and VWI Threshold
Note: 1. These parameters are characterized only.
INITIAL DELIVERY STATE
The device is delivered with the memory array
erased: all bits are set to 1 (each byte contains
FFh). The Status Register contains 00h (all Status
Register bits are 0).
Symbol
Parameter
Min.
Max.
Unit
tVSL1
VCC(min) to S low
10
µs
tPUW1
Time delay to Write instruction
1
10
ms
VWI1
Write Inhibit Voltage
1
2
V
VCC
AI04009C
VCC(min)
VWI
Reset State
of the
Device
Chip Selection Not Allowed
Program, Erase and Write Commands are Rejected by the Device
tVSL
tPUW
time
Read Access allowed
Device fully
accessible
VCC(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40