データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P40-VMP6TP データシート(PDF) 34 Page - STMicroelectronics

部品番号 M25P40-VMP6TP
部品情報  4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP6TP データシート(HTML) 34 Page - STMicroelectronics

Back Button M25P40-VMP6TP Datasheet HTML 30Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 31Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 32Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 33Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 34Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 35Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 36Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 37Page - STMicroelectronics M25P40-VMP6TP Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
M25P40
34/40
Figure 22. Serial Input Timing
Figure 23. Write Protect Setup and Hold Timing during WRSR when SRWD=1
C
D
AI01447C
S
MSB IN
Q
tDVCH
High Impedance
LSB IN
tSLCH
tCHDX
tCHCL
tCLCH
tSHCH
tSHSL
tCHSH
tCHSL
C
D
S
Q
High Impedance
W
tWHSL
tSHWL
AI07439



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40