| データシートサーチシステム |
|
MPC8309CVMADFCA データシート(PDF) 56 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8309CVMADFCA データシート(HTML) 56 Page - NXP Semiconductors |
|
56 / 81 page ![]() MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3 56 Freescale Semiconductor Package and Pin Listings MEMC_MA13 P1 O GVDD - MEMC_MWE_B J1 O GVDD - MEMC_MRAS_B K1 O GVDD - MEMC_MCAS_B J3 O GVDD - MEMC_MCS_B0 J4 O GVDD - MEMC_MCS_B1 K5 O GVDD - MEMC_MCKE P4 O GVDD - MEMC_MCK0 R1 O GVDD - MEMC_MCK1 R3 O GVDD - MEMC_MCK_B0 T1 O GVDD - MEMC_MCK_B1 P3 O GVDD - MEMC_MODT0 H1 O GVDD - MEMC_MODT1 H2 O GVDD - MEMC_MVREF M6 GVDD - Local Bus Controller Interface LAD0 B5 IO OVDD - LAD1 A4 IO OVDD - LAD2 C7 IO OVDD - LAD3 D9 IO OVDD - LAD4 A5 IO OVDD - LAD5 E10 IO OVDD - LAD6 A6 IO OVDD - LAD7 C8 IO OVDD - LAD8 D10 IO OVDD - LAD9 A7 IO OVDD - LAD10 B7 IO OVDD - LAD11 C9 IO OVDD - LAD12 E11 IO OVDD - LAD13 B8 IO OVDD - LAD14 A8 IO OVDD - LAD15 C10 IO OVDD - LA16 C11 IO OVDD - LA17 B10 O OVDD - LA18 D12 O OVDD - LA19 A9 O OVDD - LA20 E12 O OVDD - LA21 B11 O OVDD - |